PART |
Description |
Maker |
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX5307 MAX5306-MAX5307 MAX5307EUENBSP MAX5307EUE |
" Low-Power, Low-Glitch, Octal 12-Bit Voltage-Output DACs with Serial Interface" From old datasheet system MAX5306/MAX5307 Low-Power, Low-Glitch, Octal 12-Bit Voltage-Output DACs
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX5510 MAX5511ETC MAX5510ETC MAX5510ETCT MAX5511 |
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 660 us SETTLING TIME, 8-BIT DAC, QCC12 1.8V to 5.5V. Ultra-Low-Power. 8-Bit. Voltage-Output DACs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
AD7708 AD7708BR AD7708BRU EVAL-AD7708EB AD7718BR A |
24-Bit, 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 16-Bit 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 8-/10-Channel, Low Voltage, Low Power, ADCs
|
AD[Analog Devices]
|
NJM2284 NJM2284D NJM2284M NJM2284V |
Single, Low-Voltage, Low Power, RRO 5-SC70 -40 to 125 Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 85 2-INPUT 3CHANNEL VIDEO SWITCH
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
TC7MPN3245FTG |
Low Voltage/Low Power 4-Bit 】 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
FMP1617CCX-GXXX FMP1617CCX-HXXX FMP1617CCX-G85E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
TC7MPN3245FTG |
Low Voltage/Low Power 4-Bit × 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC7MPS3125FTG |
Low Voltage/Low Power 13-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
FMP1617CA7-FXXX FMP1617CA7-G60E FMP1617CA7-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|